Part Number Hot Search : 
BUZ31 AU2903 GPTR2236 475M0 SG78883B T281N LT3437 SB100
Product Description
Full Text Search
 

To Download AX6033 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  360 * all specifcations and photos are subject to change without notice. axiomtek.com overview embedded systems embedded systems for transportation embedded field controllers embedded microboxes industrial barebone systems industrial chassis backplanes power supplies peripherals & accessories appendix ? 2013 axiomtek co., ltd. all rights reserved. AX6033 4-slot shoebox chassis desktop or wallmount industrial computer chassis one 5.25" and two 3.5" hdd drive bays equipped with a ps/2 type power supply features specifcations standard color beige (pantone 414c) construction heavy-duty steel drive capacity exposed 1 x 3.5" hdd drive bay and one slim cd-rom drive; internal 1 x 3.5" hdd drive bay cooling 1 x 8 cm ball-bearing fan (42.5 cfm/each) with a removable flter front panel indicators 1 x power on/off; 1 x hdd rear panel controls 1 x power on/off; 1 x system reset pre-punched rear panel 2 x 9-pin; 1 x 25-pin; 2 x usb system board half-size sbcs expansion interface 4-slot isa or pci backplane operating temperature range 0c ~ 45c (32f ~ 113f) dimensions 160 mm (6.3") (w) x 275 mm (10.8") (d) x 185 mm (7.3") (h) weight (net/gross) 4.5 kg (9.92 lb)/5.7 kg (12.57 lb) ordering information AX6033wi/70 with atx6020/4, at 70w power supply AX6033wc/70 with atx6021/4, at 70w power supply AX6033wb/100 without bp, with at 100w power supply *specifcations and certifcations are based on options and may vary. backplane options models slots per segment (isa/pci/pcie/cpu) segment atx6020/4 4/0/0 single atx6021/4 0/3/1 single picmg 1.0 front view interior view power supply specifcations items specifcations input output mtbf ac at 70w ac 115/230v (auto) +5v @ 10a +12v @ 1.5a -12v @ 0.3a 100,000 hours dc at 72w dc 36~72v d c +5v @ 10a +12v @ 1.5a -12v @ 0.3a 100,000 hours ac at 100w dc 115/230v d c (auto) +5v @ 15a +12v @ 12a -12v @ 0.5a 100,000 hours dimensions


▲Up To Search▲   

 
Price & Availability of AX6033

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X